PART |
Description |
Maker |
0315-0-00-34-00-00-03-0 0315-1-00-34-00-00-03-0 03 |
APRINTED CIRCUIT PINS BRASS, TIN LEAD (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, TIN (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, GOLD (20) OVER NICKEL FINISH, PCB TERMINAL BRASS, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL
|
Mill-Max Mfg. Corp. MILL-MAX MFG CORP
|
8922-0-00-15-00-00-38-0 8922-0-00-80-00-00-38-0 89 |
BRASS, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL BRASS, TIN (200) OVER NICKEL FINISH, PCB TERMINAL BRASS, GOLD (50) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
08-50-0028 08-58-0105 08-58-0118 08-58-0187 08-50- |
KK 156 TERM CRP 18-20 AWG TRIFURCON TIN BRASS, TIN (200) OVER COPPER FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (15) OVER NICKEL FINISH, WIRE TERMINAL KK 156 TERM CRP 18-20 AWG TRIFURCON GOLD PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Solderless Terminal; Body Material:Brass; Contact Plating:Tin; Series:6838; Wire Size (AWG):20-18; External Depth:0.11"; Lead Pitch:3.96mm; Operating Temp. Min:0 C; Voltage Rating:250V RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
0923-0-15-20-78-14-11-0 |
BRASS, GOLD (10) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
3141-1-00-34-00-00-08-0 |
BRASS, GOLD (50) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
2218-0-15-15-22-27-10-0 |
BRASS, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL
|
MILL-MAX MFG CORP
|
1412B-112-12 1412B-11-12 1622C-17-12 780-112-12 78 |
BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
50-34-8511 02-09-5132 |
P.C. TAIL TERMINAL FEMALE .093/(2.36)DIA Crimp Socket Contact; Contact Material:Brass; Contact Termination:Crimp BRASS, GOLD (30) OVER NICKEL FINISH, PCB TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
MDF150A30 MDR150A30 MDR150A50 MDF150A40 MDF150A50 |
RF/Coaxial Connector; RF Coax Type:QMA; Impedance:50ohm; Body Style:Straight Jack; Body Material:Brass; Body Plating:Gold/Nickel; Connector Mounting:PC Board; Contact Material:Beryllium Copper; Contact Plating:Gold Over Nickel RoHS Compliant: Yes DIODE(NON-ISOLATED TYPE) Diode with flat mounting base which is designed for use in various rectifier applications, 150A, 500V
|
SANREX[SanRex Corporation]
|
05A-181 1614C-3 1605C-00-12 1614D-33-12 1603C-5-12 |
BRASS, ZINC FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, ZINC CHROMATE FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
28100 000-28100 |
BODY - BRASS, NICKEL PLATING CONTACT - BRASS, SILVER PLATING
|
Amphenol Corporation
|
|